Part Number Hot Search : 
DTC11 SC536 01130 1N6379 DP8303 223988 4N60C 300N0
Product Description
Full Text Search
 

To Download DDA124EU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDA (xxxx) U
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
* * * * Epitaxial Planar Die Construction Built-In Biasing Resistors Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5)
A
SOT-363 Dim Min 0.10 1.15 2.00 0.30 1.80 0.90 0.25 0.10 0 Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8 A
BC
NEW PRODUCT
Mechanical Data
* * * * * * * * * Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 K Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). J Terminal Connections: See Diagram Marking Information: See Diagrams & Page 5 Ordering Information: See Page 5 Weight: 0.006 grams (approximate)
PXX YM
P/N DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU
R1 22K 47K 10K 2.2K 10K 1K 4.7K 10K
R2 22K 47K 47K 47K 10K
MARKING P17 P20 P14 P06 P13 P01 P07 P12
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCC DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU All (Note 1) Value 50 +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5V max +5V max +5V max -30 -30 -70 -100 -50 -100 -100 -100 -100 200 625 Unit V
Characteristic Supply Voltage, (1) to (6) and (4) to (3) Input Voltage, (1) to (2) and (4) to (5)
Output Current
Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air
Notes: 1. 2. 3. 4. 5.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 150mW per element must not be exceeded. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30346 Rev. 9 - 2
1 of 5 www.diodes.com
PXX YM
H D F
B C D F H
M
0.65 Nominal
J K L
L
M
All Dimensions in mm
6
5
R1 R 2 R2 R1
4
6
5
R1 R1
4
1
2
R1, R2
3
1
2
R1 Only
3
SCHEMATIC DIAGRAM
VIN
V
IO
mA
IC (Max) Pd RJA
mA mW C/W
DDA (xxxx) U
(c) Diodes Incorporated
Electrical Characteristics
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT Min -50 -50 -5 100 -30 Typ 250 250 Max -0.5 -0.5 -0.3 600 +30 Unit V V V A A V % MHz IC = -50A IC = -1mA IE = -50A VCB = -50V VEB = -4V IC/IB = -2.5mA / -0.25mA IC/IB = -1mA / -0.1mA IC/IB = -10mA / -1mA IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz DDA143TU DDA114TU DDA113TU Test Condition
Characteristic (DDA113TU & DDA143TU & DDA114TU only)
NEW PRODUCT
Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product*
Characteristic DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU
Symbol
Min -0.5 -0.5 -0.3 -0.5 -0.5
Typ -1.1 -1.1 -1.1 -1.9 -1.9 -1.9
Max
Unit
Test Condition
Vl(off)
V
VCC = -5V, IO = -100A VO = -0.3, IO = -5mA VO = -0.3, IO = -2mA VO = -0.3, IO = -1mA VO = -0.3, IO = -5mA VO = -0.3, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA VI = -5V
Input Voltage
Vl(on)
-3.0 -3.0 -1.4 -1.1 -3.0
Output Voltage
VO(on)
-0.1
-0.3
V
Input Current
Il
-0.36 -0.18 -0.88 -3.6 -0.88 -0.5
mA
Output Current
IO(off)
56 68 68 80 30 -30 -20
A
VCC = -50V, VI = -0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA
DC Current Gain
Gl
Input Resistor (R1) Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
250
+30 +20
% %
MHz VCE = -10V, IE = -5mA, f = 100MHz
DS30346 Rev. 9 - 2
2 of 5 www.diodes.com
DDA (xxxx) U
(c) Diodes Incorporated
Typical Curves - DDA123JU
250
One Section
1 VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
IC/IB = 10
PD , POWER DISSIPATION (mW)
200
0.1
25C
75C -25C
NEW PRODUCT
150
100
0.01
50
0 -50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001
0
20 30 10 40 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000
VCE = 10V
12
f = 1MHz
hFE, DC CURRENT GAIN
75C
COB, CAPACITANCE (pF)
10
8
100
6
4 2
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C
0
100
0
5
10 15 25 20 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
100
VO = 5V 25C
10
IC, COLLECTOR CURRENT (mA)
10
1
-25C
Vin, INPUT VOLTAGE (V)
1
0.1
0.01
0.001
0
1
3 4 8 9 5 6 7 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage
2
10
0.1
0
50 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30346 Rev. 9 - 2
3 of 5 www.diodes.com
DDA (xxxx) U
(c) Diodes Incorporated
Typical Curves - DDA114TU
250
One Section
1 VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
25C
0.1
75C
NEW PRODUCT
150
-25C
100
0.01
50
0
-50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001
0
40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000
12
f = 1MHz
hFE, DC CURRENT GAIN
COB, CAPACITANCE (pF)
10
100
8
6
10
4 2
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
0
5
10 15 20 25 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
100 IC, COLLECTOR CURRENT (mA)
25C
10
VO = 0.2V
10
Vin, INPUT VOLTAGE (V)
1
-25C
1
0.1
0.01
0.001 0 1 6 7 8 9 5 3 4 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30346 Rev. 9 - 2
4 of 5 www.diodes.com
DDA (xxxx) U
(c) Diodes Incorporated
Ordering Information (Note 6)
Device DDA124EU-7-F DDA144EU-7-F DDA114YU-7-F Packaging SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
DDA123JU-7-F DDA114EU-7-F DDA113TU-7-F DDA143TU-7-F DDA114TU-7-F
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX YM
PXX = Product Type Marking Code See Page 1 Table YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
2004 R Jan 1 Feb 2
2005 S Mar 3
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30346 Rev. 9 - 2
PXX YM
2006 T Apr 4 2007 U May 5
2008 V Jun 6 Jul 7
2009 W Aug 8
2010 X Sep 9 Oct O
2011 Y Nov N
2012 Z Dec D
5 of 5 www.diodes.com
DDA (xxxx) U
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDA124EU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X